Part Number Hot Search : 
C16LF S20C40C C1312 2SD1105 C16LF LRH380 10150C SMBJ14
Product Description
Full Text Search
 

To Download PMK50000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (134.4) (137.4) .40 (49.5) (10.2) par 1.95 pgm %pw dsp al1 man op1 al2 (96.5) 3.80 5.29 5.41 (44.4) 1.75 3.60 (91.4) (45 ) +.6 (92 ) 3.62 -.0 +.03 -.0 +.8 -.00 +.02 -.00 1.77 1 ? setpoint program controller for time vs. temperature (ramp/soak) and special batch/recipe applications ? advanced program profiling in a 1/8 din package ? on-line monitoring and control of program status, time, and setpoint value (program run, pause, stop, advance, modify time, & setpoint value) ? automatic program delay for profile conformity, plus program linking, repeating and auto power-on functions for enhanced capability ? dual event outputs for timed activation of process equipment such as stirrers, fans, heaters, etc. (uses alarm output channels) ? four setpoint & pid parameter sets for quick recall of setpoints and/or gain values during batch or process changeover ? programmable user input for controller and setpoint program control ? 100 msec sampling period with 0.15% accuracy ? on demand auto-tuning of pid control settings ? dual led displays for simultaneous indication of temperature and setpoint or temperature and profile status ? accepts any one of 10 different types of sensor inputs (thermocouple or rtd) ? field replaceable and interchangeable output modules (relay, logic/ssr drive, and triac) ? optional dual alarm outputs (uses output modules) ? optional cooling output (uses output module) ? optional linear 4 to 20 ma or 0 to 10 vdc output for control or temperature re-transmission ? optional rs485 serial communications interface ? optional type 4x/ip65 sealed front bezel description the tsc is a setpoint controller suitable for time vs. temperature, process control applications. the tsc accepts signals from a variety of temperature sensors (thermocouple and rtd elements), precisely displays the process temperature, and provides an accurate output control signal (time proportional or linear) to maintain a process at the desired control point. a comprehensive set of easy to use steps allows the controller to satisfy various applications. the user input can be programmed to perform a variety of controller functions. dual 4-digit displays allow viewing of the measured temperature value and setpoint or temperature and profile status simultaneously. front panel indicators inform the operator of controller status and output states. replaceable output modules (relay, logic/ssr drive or triac) can be fitted to the main control output, alarm output(s) or timed event output(s), and cooling output. the tsc has been designed to simplify the set-up and operation of a controlled setpoint profile program. the setpoint program is easily entered and controlled through the front panel. full display capabilities keep the operator informed of the process temperature, profile status, output states, and setpoint value. the controller can operate in the standard pid control mode for both heating or cooling with on-demand auto-tune which establishes the pid gain set. the pid gain set can be fine tuned by the operator at any time or may be locked from further modification. the unit can be transferred to the manual control mode providing the operator with direct control of the output. the tsc features four programs or profile recipes, each with up to eight ramp/soak segments, which can be easily stored and executed at any time. longer profiles can be achieved by linking one or more profiles together, creating a single profile of up to 32 ramp/soak segments. temperature profile conformity is assured during either soak (hold) phases or both ramp and hold phases by an adjustable error band parameter. the program repeat function cycles the profile either continuously or a set number of times. power-on options automatically re-start, stop, or resume a running profile. the profile can be controlled via the front panel buttons, the user input, or the optional serial communications port. four control points, each having a setpoint and pid parameter set, are available for instant front panel implementation during batch changeover, or model tsc - temperature setpoint controller dimensions in inches (mm) note: recommended minimum clearance (behind the panel) for mounting clip installation is 5.5" (140) h x 2.1" (53.4) w. bulletin no. tsc-c drawing no. lp0326 released 08/13 tel +1 (717) 767-6511 fax +1 (717) 764-0839 www.redlion.net c us listed u l r 51eb ind. cont . eq. panel cut-out
2 description (contd) other process conditions. a control point may have its pid gain set values disabled when implementing the control point. the optional rs485 multidrop serial communications interface provides the capability of two-way communication between a tsc unit and other compatible equipment such as a printer, a programmable controller, or a host computer. in multipoint applications the address number of each unit on the line can be programmed from 0-99. up to thirty-two units can be installed on a single pair of wires. the setpoint value, % output power, setpoint ramp rate, etc. can be interrogated or changed by sending the proper command code via serial communications. alarm output(s) may also be reset via the serial communications interface option. optional alarm output(s) may be configured to operate as a timed event output or as a standard alarm output. as an alarm output it may be configured to activate according to a variety of actions (absolute hi or lo, deviation hi or lo, or band in or out) with adjustable hysteresis. also, a standby feature suppresses the output(s) on power-up until the temperature stabilizes outside the alarm region. timed event output(s) allow the controller to activate other equipment while a programmed profile is running. each profile can define up to 16 event states (phases), for each output(s). an optional secondary output is available for processes that require cooling which provides increased control accuracy and response. the optional linear 4 to 20 ma or 0 to 10 vdc output signal is available to interface with final actuators, chart recorders, indicators, or other controllers. the output signal can be digitally scaled and selected to transmit one of the following: % output power measurement value measurement value deviation setpoint value an optional type 4x/ip65 rated bezel is available for washdown and/or dirty environments, when properly installed. modern surface-mount technology, extensive testing, plus high immunity to noise interference, makes the controller extremely reliable in industrial environments. safety summary all safety related regulations, local codes and instructions that appear in the manual or on equipment must be observed to ensure personal safety and to prevent damage to either the instrument or equipment connected to it. if equipment is used in a manner not specified by the manufacturer, the protection provided by the equipment may be impaired. do not use the tsc to directly command motors, valves, or other actuators not equipped with safeguards. to do so, can be potentially harmful to persons or equipment in the event of a fault to the unit. an independent and redundant temperature limit indicator with alarm outputs is strongly recommended. the indicators should have input sensors and ac power feeds independent from other equipment. specifications 1. display: dual 4-digit upper temperature display: 0.4" (10.2 mm) red led lower auxiliary display: 0.3" (7.6 mm) green led display messages: olol - appears when measurement exceeds + sensor range. ulul - appears when measurement exceeds - sensor range. open - appears when open sensor is detected. shrt - appears when shorted sensor is detected (rtd only). .... - appears when display value exceeds + display range. -... - appears when display value exceeds - display range. 2. power: switch selectable for 115/230 vac (+10%, -15%) no observable line variation effect, 48-62 hz, 10 va. 3. annunciators: 6 led backlight status indicators : %pw - lower auxiliary display shows power output in (%). pgm - lower auxiliary display shows profile status or profile time remaining. man - controller is in manual mode. op1 - main control output is active. al1 - alarm #1 is active. al2 - alarm #2 is active (for dual alarm option) op2 - cooling output is active (for cooling option) . 4. controls: four front panel push buttons for setup and modification of controller functions and one external input. 5. setpoint profile: profiles: 4 segments per profile: 8 ramp/hold segments (linkable to 32 segments) . ramp rate: 0.1 to 999.9 degrees/minute or no ramp. hold time: off or from 0.1 to 999.9 minutes, can be extended to 500 hours by linking. error band conformity: off or from 1 to 9999 degrees deviation, + value for hold phases, - value for both ramp and hold phases. power-on modes: stop, auto-start, or profile resume. st art mode: ramps from process temperature. program auto cycle: 1 to 249, or continuous. event outputs: 2, time activated with profile [uses alarm output(s)]. control: front panel buttons, user input, or rs485 communications. 6. control points: setpoints : 4 pid gain sets : 4 control : front panel buttons or user input. 7. sensor input: sample period: 100 msec response time: 300 msec (to within 99% of final value w/step input; typically, response is limited to response time of probe) . failed sensor response: main control output(s): programmable preset output. display: open. alarms: upscale drive. dc linear: programmable preset output. normal mode rejection: 40 db @ 50/60 hz (improves with increased digital filtering) . common mode rejection: 100 db, dc to 50/60 hz. protection: input overload voltage; 240 vac @ 30 sec max. 8. thermocouple: types: t, e, j, k, r, s, b, n or linear mv. input impedance: 20 m ? , all types. lead resistance effect: 20 v/350 ? . cold junction compensation: less than 1c error over 0-50c ambient temperature range. disabled for linear mv type. resolution: 1c/f all types, or 0.1c/f for t, e, j, k, and n only. 9. rtd: 2, 3 or 4 wire, 100 ? platinum, alpha = 0.00385 (din 43760), alpha = 0.003916 excitation: 0.175 ma resolution: 1 or 0.1 degree lead resistance: 7 ? max. 10. range and accuracy: errors include nist conformity and a/d conversion errors at 23c after 20 minutes warm-up. thermocouple errors include cold junction effect. errors are expressed as (% of reading) and 3/4 lsd unless otherwise noted. tc type range accuracy wire color (ansi) t -200 to +400c -328 to +752f 0.20% + 1.5c 0.20% + 2.7f blue e -200 to 750c -328 to +1382f 0.20% + 1.5c 0.20% + 2.7f violet j -200 to +760c -328 to +1400f 0.15% + 1.5c 0.15% + 2.7f white k -200 to +1250c -328 to +2282f 0.20% + 1.5c 0.20% + 2.7f yellow r 0 to +1768c +32 to +3214f 0.15% + 2.5c 0.15% + 4.5f black s 0 to +1768c +32 to +3214f 0.15% + 2.5c 0.15% + 4.5f black b +200 to +1820c +300 to +3300f 0.15% + 2.5c 0.15% + 4.5f grey n -200 to +1300c -328 to +2372f 0.20% + 1.5c 0.20% + 2.5f orange mv -5.00 to 56.00 0.15% + 1 lsd rtd (385) -200 to +600c -328 to +1100f 0.10% + 0.5c 0.10% + 0.9f rtd (392) -200 to +600c -328 to +1100f 0.10% + 0.5c 0.10% + 0.9f ohms 1.0 to 320.0 0.15% + 1 lsd 11. output modules [optional] (for all output channels): relay: type : form-c (form-a with rs485 option) rating : 5 amps @ 120/240 vac or 28 vdc (resistive load) , 1/8 hp @ 120 vac (inductive load) . life expectancy : 100,000 cycles at max. rating. (decreasing load and/or increasing cycle time, increases life expectancy) . logic/ssr drive: can drive multiple ssr power units. type : non-isolated switched dc, 12 vdc typical. drive : 45 ma max. triac: type : isolated, zero crossing detection. ratings : voltage : 120/240 vac max load current : 1 amp @ 35c 0.75 amp @ 50c min load current : 10 ma off state leakage current : 7 ma max. @ 60 hz operating frequency : 20 to 500 hz protection : internal transient snubber, fused.
3 specifications (contd) 12. main control output (heating or cooling): control: pid or on/off. output: time proportioning or linear dc. hardware: plug-in, replaceable output modules. cycle time: programmable. auto-tune: when performed, sets proportional band, integral time, and derivative time values. probe break action: programmable. 13. cooling output (optional): control: pid or on/off. output: time proportioning or linear dc hardware: plug-in, replaceable output modules. cycle time: programmable. proportional gain adjust: programmable. heat/cool deadband: programmable. 14. linear dc drive (optional): with digital scale and offset, programmable deadband and update time. 4 to 20 ma: resolution : 1 part in 3500 typ. accuracy : (0.1% of reading + 25 a) . compliance : 10 v (500 ? max. loop impedance) . 0 to 10 vdc: resolution : 1 part in 3500 typ. accuracy : (0.1% of reading + 35 mv) . min. load resistance : 10 k ? (1 ma max.) source: % output power, setpoint, deviation, or temperature. (available for heat or cool, but not both.) 15. alarms (optional): hardware: plug-in, replaceable output module. modes: absolute high acting absolute low acting deviation high acting deviation low acting inside band acting outside band acting timed event output(s) reset action: programmable; automatic or latched. delay: programmable; enable or disable. hysteresis: programmable. probe break action: upscale. annunciator: led backlight for al1, al2, (alarm #2 not available with cooling output). 16. serial communications (optional): type: rs485 multi-point, balanced interface. communication format: baud rate: programmable from 300-9600. parity: programmable for odd, even, or no parity. frame: 1 start bit, 7 data bits, 1 or no parity bit, 1 stop bit. unit address: programmable from 0-99, max. of 32 units per line. transmit delay: 100 msec min., 200 msec max. rs485 common: isolated from signal input common. auto print time: off to 9999 seconds between print-outs. 17. user input: v in max = 5.25 vdc, v il = 0.85 v max ; v ih = 2.0 v min , response time 100 msec max. functions: program lock print request integral action lock load control point auto/manual transfer run/hold profile 1 setpoint ramp select run/stop profile 1 reset alarms 18. environmental conditions: operating temperature : 0 to 50c storage temperature : -40 to 80c vibration to iec 68-2-6 : operational 5-150 hz, 1 g shock to iec 68-2-27 : operational 5 g operating and storage humidity : 85% max. (non-condensing) from 0c to 50c. span drift : 100 ppm/c zero drift : 1 v/c altitude : up to 2000 meters 19. certifications and compliances: ce approved en 61326-1 immunity to industrial locations emission cispr 11 class a en 61010-1 rohs compliant ul recognized component: file #e156876 ul listed: file #e137808 type 2 enclosure rating (face only) for tsc0 type 4x/ip65 enclosure rating (face only) for tsc1 refer to emc installation guidelines section of the manual for additional information. 20. connection: jaw-type terminal block. 21. construction: front panel: flame and scratch resistant tinted plastic. case: high impact black plastic. (mounting collar included). type 4x/ip65 model only: sealed bezel utilizing 2 captive mounting screws (panel gasket included).this unit is rated for type 4x/ip65 indoor use. installation category ii, pollution degree 2. 22. weight: 1.3 lbs. (0.6 kgs) basic operation the tsc controls the temperature profile of a system by measuring the temperature via an input probe, compares the actual temperature to the setpoint profile in progress, and calculates the new output power value by use of a modified pid control algorithm. the unit controls the system with the new output power value so the process temperature conforms to the programmed profile. the pid control algorithm incorporates features which provide minimum overshoot and excellent temperature control accuracy for a process. front panel features in the normal display mode, the unit will display the process temperature in the upper display. one of five other parameters may be selected for viewing in the lower display: target setpoint profile phase time remaining % output power temperature symbol (f/c) profile status the program profile status display indicates the active profile number with the current ramp or hold phase of the profile. the profile can be started, stopped, advanced, etc. from the front panel when the profile status display is viewed, if not locked from access. the phase time remaining display, shows the time remaining in a ramp or hold phase and, if not locked from access, may be changed on-line to effect temporary changes to the program. additionally, the target setpoint and % output power (manual mode only) may also be changed on-line or locked from operator access. from the normal operating mode, parameters are selected by use of the par button and modified by use of the up and down buttons. parameters are then entered by the par button, which advances the user to the next parameter. pressing the dsp button immediately returns the controller to the normal operating mode from any parameter module. the controller configuration and parameter settings are stored in an internal e 2 prom device.
4 configuration mode the configuration modules serve to provide the basic set-ups required by the controller. it is divided into sections which group together related programming steps, such as inputs, outputs, alarms, etc. upon completion of each section, the program returns to the configuration selection stage, which allows the user to return to the normal display mode, or advance to a later configuration stage. configuration 1, inputs type - select input probe type scal - select temperature scale dcpt - select temperature resolution fltr - select degree of input filtering span - enter input correction span (slope) shft - enter input correction shift (offset) splo - enter setpoint lower limit sphi - enter setpoint higher limit sprp - enter setpoint ramp rate inpt - select user input function configuration 2, outputs cyct - enter time proportioning cycle time opac - select control action oplo - enter output power low limit ophi - enter output power high limit opfl - enter probe fail power preset chys - enter on/of control hysteresis tcod - select auto-tuning damping anas - select linear dc output assignment * anlo - enter linear dc low scaling value * anhi - enter linear dc high scaling value * configuration 3, parameter lock-outs sp - select degree of setpoint access op - select degree of power access p-cs - select degree of profile status access p-tr - select degree of phase time remaining access udsp - enable temperature units display code - enter parameter access code pid - select degree of pid access al - select degree of alarm access * alrs - enable manual reset of alarms * cpac - enable control point access prac - enable ramp/hold program access trnf - enable automatic/manual transfer tune - enable auto-tune invocation configuration 4, alarms * act 1 - select operation mode of alarm #1 rst1 - select reset mode of alarm #1 stb1 - enable activation delay of alarm #1 al-1 - enter value for alarm #1 act2 - select operation mode of alarm #2 rst2 - select reset mode of alarm #2 stb2 - enable activation delay of alarm #2 al-2 - enter value for alarm #2 ahys - enter hysteresis value for both alarms configuration 5,.cooling * cyc2 - enter cooling time proportioning cycle time gan2 - enter cooling relative gain db-2 - enter heat/cool deadband or overlap configuration 6, serial communications * baud - select baud rate parb - select parity bit addr - enter unit address number abrv - select abbreviated or full mnemonic transmissions prat - enter automatic print rate popt - select parameters to be included in print-out configuration 7, control points cset - select control point number for set-up 1, 2, 3, & 4 sp-x - enter setpoint value for selected control point pid - select if pid gain set to be loaded with setpoint pb-x - enter proportional band for selected control point * it-x - enter integral time for selected control point * dt-x - enter derivative time for selected control point * configuration 8, profiles pset - select profile or event output for set-up 1, 2, 3, or 4 pncc - enter program-repeat cycle count for selected profile pnln - select link option for selected profile pneb - enter error band for temperature conformity for selected profile pnpc - enter power-down resume status for selected profile pnr1 - enter ramp rate 1 for selected profile * pnl1 - enter setpoint level 1 for selected profile * pnh1 - enter hold time 1 for selected profile * . . . . pnr8 - enter ramp rate 8 for selected profile * pnl8 - enter setpoint level 8 for selected profile * pnh8 - enter hold time 8 for selected profile * pn 1 - select event outputs at phase 1 for selected profile * . . . . pn16 - select event outputs at phase 16 for selected profile * configuration 9, factory service operations (detailed in the operators manual) * these parameters may not appear due to option configuration or other programming hardware features the fast 100 msec input sampling rate provides quick controller response to a process disturbance for excellent temperature control. measurement accuracy of 0.15% provides closer process control conforming to the desired control setpoint value. the unit accepts a variety of both thermocouple or rtd temperature probes. the a.c. input power is switch selectable, allowing the unit to operate from either 115 vac or 230 vac. since the controller is serviceable from the front of the panel, the output modules may be easily changed or replaced without disturbing the wiring behind the panel and no re-programming is required. the standard model simply requires pressing a latch to remove the unit. the type 4x/ip65 rated model utilizes two panel securing screws and a neoprene gasket to guarantee a water tight seal, when properly installed. low-drift, highly stable circuit design ensures years of reliable and accurate temperature control. the recommended two year re-calibration interval is easily accomplished via the programming menu. setpoint features the controllers setpoint can be protected from out of range values, by programming the setpoint range limit values. additionally, safeguards from inadvertent data entry can also be programmed. the setpoint ramp feature ramps the setpoint value at start-up or any time a setpoint change is made, at a user programmable rate, independent of a programmed profile. this feature reduces thermal shock to the process and also helps to minimize temperature overshoot. the active setpoint, which can be a running profile, may also be transmitted by the linear dc output for slave control loops. four control points are available which can be implemented at any time. each control point is programmed independently, with each having a setpoint and a pid gain set value. with gain value changes, the output power control signal will not bump resulting in a smooth control transition. input features a programmable input filter can be used to stabilize readings from a process with varying or oscillating temperature characteristics, helping to provide better temperature control. a programmable temperature shift and slope function can be used to compensate for probe errors or to have multiple tsc units indicate the same nominal temperature. a programmable user input is available to control a variety of controller functions, such as profile control, auto/manual transfer, serial communication print requests, etc. dsp par %pw pgm man op1 al1 al2 type 4x/ip65 bezel
5 output features programmable output power limits provide protection for processes where too much power can cause damage. automatic sensor probe break detection, for fail-safe operation, causes the controller to default to a programmed output power (upscale or downscale burnout) . with adjustable time proportioning- cycle time and programmable d.c. linear output, the controller can satisfy a wide variety of output requirements. during execution of a profile, two independent, timed event outputs are available to control or signal other equipment. the event outputs use the alarm channels. the rs485 communication option allows the user to access various controller parameters such as the setpoint, % output power, % proportional band, etc. the controller may be setup to transmit various parameters at a programmable automatic print rate. auto-tune the model tsc has an auto-tune feature which, on demand, automatically determines the pid control parameters for a particular thermal process. after completion of auto-tune, the pid parameters are automatically optimized for that process and loaded into nonvolatile memory. the operator may view and modify the parameters as desired. auto-tune may be invoked at start-up, while ramping, or at setpoint, depending on the process requirements. a programmable auto-tune damping factor produces various levels of process control and response characteristics. profile programming profiles are programmed independently of each other and are separate from the configuration of other controller parameters. each profile has parameters for error band (profile conformity), linking, auto-start and program repeat cycles. profiles may be altered during execution, so changes take effect as the programmed profile advances. controller programming the model tsc has been designed to reduce the operator interaction with the controller while still maintaining a high degree of control accuracy and user flexibility. front panel program disable allows all of the controllers set-ups to be locked-out from further operator intervention after the initial parameter set-up. the programming of the controller is divided into four sections: hidden mode protected mode unprotected mode configuration mode these four programming modes allow the controller to adapt to any required user-interface level. unprotected parameter mode the unprotected mode is accessible when program disable is inactive or when the proper access code number from the protected mode is entered. only from this mode can the configuration modes be accessed. sp - enter setpoint * opof - enter %output power offset * op - enter output power * prop - enter proportional band intt - enter integral time * dert - enter derivative time * al-1 - enter value for alarm #1 * al-2 - enter value for alarm #2 * cnfp - select basic configuration module end - return to normal display mode protected parameter mode * the protected mode is accessible when program disable is active, also this mode prevents access to the configuration modes without the proper access code number. only the parameters that are selected in the configuration 3 parameter lock-outs section can be accessed. prop - enter proportional band intt - enter integral time dert - enter derivative time al-1 - enter value for alarm #1 al-2 - enter value for alarm #2 code - enter access value to unprotected mode end - return to normal display mode hidden functions mode * the hidden mode is accessible from the normal operating mode by holding the par button for 3 seconds. the five functions in this mode may be locked-out individually in configuration 3 parameter lock-outs section. cp - load control point x prun - control ramp/hold profile state trnf - transfer between automatic (pid) control and manual control tune - invoke/cancel pid auto-tune alrs - reset latched alarms output variations without rs485 option the dual alarm or the cooling with alarm output, without the rs485 option, has independent outputs. therefore, the cooling output and/or alarm output (s) can be installed with any combination of output modules. outp ut variations with rs485 option the dual alarm or the cooling with alarm output, with rs485 option, does not have independent outputs. in this case, the cooling output and/or alarm output (s) must have the same type of output modules installed since they share the common terminal. * these parameters may not appear due to option configuration or other programming 3 2 1 al2/op2-c al2/op2-b al2/op2-a optio n cooling output 2 alarm 2 or 16 15 14 13 al1-c al1-b al1-a n/c optio n alarm 1 dual alarm or cooling w/alarm option without rs-485 option alarm 1 and alarm 2 3 2 1 al1-b al2/op2-b al/op2 comm.-a option cooling alarm 1 with or 16 15 14 13 rs-485 comm . tx en. tx/rx(-) tx/rx(+) option rs-485 dual alarm or cooling w/alarm option with rs-485 option c b a do not connect triac (isola ted) 1a @ 240va c logic/ssr drive do not connect + - (resistive load) 5a @ 240v ac rela y a b c c b a output modules +12vdc not isol at ed output modules a b b a rela y 5a @ 240v ac (resistive load) 1a @ 240va c (isola ted) triac a b isol at ed not +12vdc - + logic/ssr drive
6 output modules units equipped with rs485 option must have the dual alarm or cooling w/ alarm options fitted with the same type of output modules. the controllers main output (op1) can be fitted with any output module. output modules are shipped separately and must be installed by the user. typical connections relay: type : form -c (form-a with rs485 option only) rating : 5 amps @ 120/240 vac or 28 vdc (resistive load), 1/8 hp @ 120 vac (inductive). life expectancy :100,000 cycles at maximum load rating. (decreasing load and/or increasing cycle time, increases life expectancy). logic/ssr drive: can drive multiple ssr power units. type : non-isolated switched dc, 12 vdc typical. drive : 45 ma max. triac: type : isolated, zero crossing detection. rating : voltage : 120/240 vac. max. load current : 1 amp @ 35c 0.75 amp @ 50c min. load current : 10 ma off state leakage current : 7 ma max. @ 60 hz operating frequency : 20 to 500 hz. protection : internal transient snubber, fused. application tsc glass tempering application a manufacturer of glass items needs to anneal (temper) their products to reduce the brittleness of the glass structure. the tempering process requires the glass to be heated and subsequently cooled at a controlled rate to change the structure of the glass. different tempering profiles are required for different types of glass products. a tsc is employed to control the temperature profile of the annealing oven. four different temperature profiles are stored in the controller. the 4 to 20 ma analog output option is utilized to cool the annealing oven during the cool down ramp phases. an event output is used to quickly cool the oven at the end of the batch run (alarm 1) . alarm 2 is used to signal the operator whenever the temperature is outside the prescribed program profile. note: units equipped with the rs485 option have different terminal designators. see output variations with or without the rs485 option. the programming for this profile is as follows: parameter value description p1r1 5.0 ramp from ambient temp. during heat phase at 5.0/min. p1l1 300 target setpoint level 300 p1h1 40.0 heat at 300 for 40.0 minutes p1r2 3.0 ramp down 3.0/min. during cooling phase p1l2 150 target setpoint is 150 p1h2 0.0 do not hold at 150 (used as phantom hold time for triggering event output for auxiliary cooling) p1r3 -0.1 end program p1 1 1f2f turn off output 1 (output 2 is alarm) p1 2 1f2f keep off output 1 p1 3 1f2f keep off output 1 p1 4 1n2f turn on output 1 for auxiliary exhaust fan 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 main control output thermocouple input 4-20ma analog output option (retransmit % output power) alarm 1 option (relay module installed) 115 vac (main power) - + - + + - + - 115 vac horn temperature deviation alarm al2/op2-a al2/op2-b al2/op2-c op1-a op1-b op1-c user input comm. out+ out- n/c al1-a al1-b al1-c ssr power unit + - program disable (logic/ssr drive module installed) alarm 2 option (relay module installed) 220 vac annealing oven cooling auxiliary exhaust power heater type-j fan i/p converter load a b c power 5 amps at 240 va c rela y module do not connect ssr power unit load 4 3 1 2 a b c power +12vdc unreg. + - not isola ted logic/ssr drive module power 120v ac at 1 amp 120/240v ac isola ted a b c rela y or device triac load do not connect triac module temperature start r1=5min h1=40min r2=3min stop p1r1 p1 1 p1h1 p1 2 p1r2 p1 3 on p1 4 off 04 08 0 120 time (minutes) 150 300 profile phase event state (aux. fan) re-start ambient 80
ordering information note: output modules are not supplied with the controller. when specifying the controller, be sure to purchase the appropriate output module for the main control output and if necessary, the alarm output(s) and cooling output. the controller can be fitted with any combination of output modules that do not have the rs485 option. the logic/ssr drive module is a switched dc source, intended to drive the dc input of an ssr power unit. it should never be connected to a line voltage. all modules are shipped separately and must be installed by the user. 7 model no description type 4x/ip65 bezel 4 to 20 ma analog output 0 to 10 vdc analog output alarm outputs cooling output rs485 com part number tsc temperature setpoint controller no yes no 2 no no tsc01001 yes yes no 2 no no tsc11001 yes yes no 1 yes no tsc11002 yes yes no 2 no yes tsc11004 yes yes no 1 yes yes tsc11005 yes no yes 2 no yes tsc12004 yes no yes 1 yes yes tsc12005 relay module omd00000 triac module omd00001 logic/ssr drive module omd00003 pmk5 panel mount adapter kit (1/4 din to 1/8 din) PMK50000 rly 45 a single phase panel mount ssr rly50000 25 a single phase din rail mount ssr rly60000 40 a single phase din rail mount ssr rly6a000 25 a three phase din rail mount ssr rly70000 these models have dual alarm outputs, or single alarm with secondary outputs, with shared common terminals (form a type). as a result, these outputs should be fitted with the same type of output module. the main output (op1) may be fitted with any type of output
limited warranty the company warrants the products it manufactures against defects in materials and workmanship for a period limited to two years from the date of shipment, provided the products have been stored, handled, installed, and used under proper conditions. the companys liability under this limited warranty shall extend only to the repair or replacement of a defective product, at the companys option. the company disclaims all liability for any affrmation, promise or representation with respect to the products. the customer agrees to hold red lion controls harmless from, defend, and indemnify rlc against damages, claims, and expenses arising out of subsequent sales of rlc products or products containing components manufactured by rlc and based upon personal injuries, deaths, property damage, lost profts, and other matters which buyer, its employees, or sub-contractors are or may be to any extent liable, including without limitation penalties imposed by the consumer product safety act (p.l. 92-573) and liability imposed upon any person pursuant to the magnuson-moss warranty act (p.l. 93-637), as now in effect or as amended hereafter. no warranties expressed or implied are created with respect to the companys products except those expressly contained herein. the customer acknowledges the disclaimers and limitations contained herein and relies on no other warranties or affrmations. red lion controls headquarters 20 willow springs circle york pa 17406 tel +1 (717) 767-6511 fax +1 (717) 764-0839 red lion controls china unit 302, xinan plaza building 13, no.99 tianzhou road shanghai, p.r. china 200223 tel +86 21 6113 3688 fax +86 21 6113 3683 red lion controls europe softwareweg 9 nl - 3821 bn amersfoort tel +31 (0) 334 723 225 fax +31 (0) 334 893 793 red lion controls india 201-b, 2nd floor, park centra opp 32 mile stone, sector-30 gurgaon-122002 haryana, india tel +91 984 487 0503


▲Up To Search▲   

 
Price & Availability of PMK50000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X